PART |
Description |
Maker |
TX78_13-S7-A68-MC TX78-49-13 TX78_13-H2-A142 TX78_ |
Alloy powder toroids
|
Ferroxcube International Holding B.V.
|
TX23-14-7.6 TX23_7.6-S7-A90-MC TX23_7.6-S7-A65-MC |
Alloy powder toroids
|
Ferroxcube International Holding B.V.
|
TX40_15-H2-A168 TX40_15-H2-A19 TX40_15-H2-A198 TX4 |
Alloy powder toroids
|
Ferroxcube International Holding B.V.
|
TX27_11-S7-A157-MC TX27_11-S7-A32-MC TX27_11-S7-A7 |
Alloy powder toroids
|
Ferroxcube International Holding B.V.
|
TN33_20_11-2P40 TN33_20_11-2P50 TN33_20_11-2P65 TN |
Iron powder toroids
|
Ferroxcube International Holding B.V.
|
19193-0198 19193-0186 19193-0205 19193-0170 19193- |
191930198 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-58) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (D-356-14T) COPPER ALLOY, RING TERMINAL D-351-38T RING VERSAKRIMP TAPE DBL SPACE COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-358-76) COPPER ALLOY, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):8; Stud Size:3/8; Insulator Color:Red; Series:RING VERSAKRIMP (D-352-38) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (F-370-34) COPPER ALLOY, RING TERMINAL 191930151 COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (E-360-56) COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (D-352-76) COPPER ALLOY, RING TERMINAL 191930254 COPPER ALLOY, RING TERMINAL Insulkrimp RingTongue Terminal, #10 Stud, 8AWG COPPER ALLOY, RING TERMINAL 191930218 COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
LQH6LLN1R0N43L LQH6PPN1R0N43L LQH6KKN1R0N43K LQH6L |
Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type) LQH6PP Series 1 ELEMENT, 10 uH, POWDER-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 15 uH, POWDER-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 1 uH, POWDER-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD Murata Manufacturing Co., L... Murata Manufacturing Co...
|
19098-0050 19098-0047 19098-0070 19098-0081 19099- |
SNAP SPADE KRIMPTITE TAPED (BB-1717-10T) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1716-08) 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (C-1710-06T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE TAPED (AA-1715-10T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL 190990051 5 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #8 10-12AWG 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP TAPED (AA-2704-05X 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #10 18-22AWG 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (AA-8714-08T) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (BB-8193-06T) 2 mm2, COPPER ALLOY, FORK TERMINAL CONN SNAP SPADE #6 14-16AWG 2 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE INSULKRIMP (AA-2714-08X) 0.8 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE AVIKRIMP TAPED (C-8718-08T) 5 mm2, COPPER ALLOY, FORK TERMINAL SNAP SPADE KRIMPTITE (BB-1707-05) 2 mm2, COPPER ALLOY, FORK TERMINAL
|
Molex, Inc. MOLEX INC
|
YU350-40 YU80-22CORE YU80-35CORE YU80-60CORE YU80- |
U TYPE IRON POWDER CORES
|
YUXIANG Magnetc materials Ind. Co., Ltd.
|
7443310033 |
POWER-CHOKE WE-HCC 1210 (Iron Powder)
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
7443310022 |
POWER-CHOKE WE-HCC 1210 (Iron Powder)
|
Wurth Elektronik GmbH & Co. KG, Germany.
|
|